Part Number Hot Search : 
APTGT5 S128K3 IRFP1 BYG22 C68HC711 1053A5 0V8X20 ZR78L05C
Product Description
Full Text Search
 

To Download HFCT-5710LP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HFCT-5710L/LP Small Form Factor Pluggable LC Optical Transceivers
Data Sheet
Description The HFCT-5710L/LP Small Form Factor Pluggable LC optical transceiver is compliant with both the IEEE 802.3Z (1000BASE-LX) and Small Form Factor Pluggable (SFP) MultiSource Agreement (MSA) specifications. The transceiver is intended for premise, public and access networking equipment. The product transmits data over single mode cable for a link distance of 10 km, which is in excess of the standard. Typical applications for this product are switch to switch, switch backbones, and highspeed interface for server farms. Emerging applications of this product include high-density metro access switch GbE connections.
Features * IEEE 802.3Z Gigabit Ethernet (1.25 GBd) 1000BASE-LX compliant * Small Form Factor Pluggable (SFP) Multi-Source Agreement (MSA) compliant * Manufactured in an ISO 9001 compliant facility * Hot-pluggable * HFCT-5710LP bail wire de-latch HFCT-5710L standard de-latch * +3.3 V dc power supply * 1310 nm longwave laser * Eye safety certified: - US 21 CFR(J) - IEC 60825-1 (+All) * LC-Duplex fiber connector compatible * Fiber compatibility: - 2m to 10km with 9m SM fiber - 2m to 550m with 50m MM fiber - 2m to 550m with 62.5m MM fiber
Applications * Switch to switch applications * Switched backplane applications * High Speed Interface for server farms * Metro access switch GbE connections Related Products * HFBR-5710L/LP: 850 nm 1.25 GBd 3.3 V multimode SFP Gigabit Ethernet transceiver * HDMP-1687: Quad Channel SerDes IC 1.25 GBd Ethernet * HDMP-1646A: Single Channel SerDes IC for 1.25 GBd Ethernet
General Features 1000BASE-LX Compliance: The HFCT-5710L/LP is compliant with the IEEE 802.3Z (2000 Edition) Physical Medium Dependent (PMD) sublayer and baseband medium, type 1000BASE-LX (Long Wavelength Laser) description. This includes specifications for the signal coding, optical fiber and connector types, optical and electrical transmitter characteristics, optical and electrical receiver characteristics, jitter characteristics, and compliance testing methodology for the aforementioned. This transceiver is capable of implementing both Single Mode (SM) and Multimode (MM) optical fiber applications in that order of precedence in the event of conflicting specifications. In addition, the SM link type exceeds the 2 m to 5 km 1000BASE-LX specification by achieving compliance over 2 m to 10 km. The MM link type meets the 50 m and 62.5 m MMF specification when used with an "offset launch" fiber. The optical connector is LC duplex. There is no governing environmental specification in IEEE 802.3Z therefore the environmental specifications contained in this product definition take precedence. Compliance over all operating conditions defined in this document is implied except where specifically noted.
SFP MSA Compliance: The product package is compliant with the SFP MSA with the LC connector option. The SFP MSA includes specifications for mechanical packaging and performance as well as dc, ac and control signal timing and performance. The power supply is 3.3 V dc. The High Speed I/O (HSIO) signal interface is a Low Voltage Differential type. It is ac coupled and terminated internally to the module. The internal termination is a 100 Ohm differential load. Operating Temperature The HFCT-5710L/LP has an operating case temperature of -10 to +85C.
Serial Identification (EEPROM) The HFCT-5710L/LP is compliant with the SFP MSA, which defines the serial identification protocol. This protocol uses the 2-wire serial CMOS E2PROM protocol of the ATMEL AT24C01A or similar. MSA compliant, example contents of the HFCT-5710L/LP serial ID memory are defined in Table 9. Eye Safety For details of product compliance, see Table 1. De-latch Mechanism The de-latching mechanism uses the same design as the MM HFBR-5710L. The HFCT-5710L/ LP is designed with an MSA compliant standard de-latch and an optional de-latch for Belly-toBelly operation. The optional de-latch has been slightly modified outside of MSA compliance to optimize the mechanical performance of the product. These modifications do not interfere with the overall form, fit and function as specified by the SFP MSA. Power Supply Noise The HFCT-5710L/LP can withstand an injection of PSN on the VCC lines of 100 mV ac without a degradation in eye mask margin to 10% on the transmitter and a 1 dB sensitivity penalty on the receiver. This occurs when the product is used in conjunction with the MSA recommended power supply filter shown in Figure 1.
1 H VCCT 0.1 F 1 H VCCR 0.1 F 10 F
3.3 V 0.1 F 10 F
SFP MODULE
HOST BOARD
Figure 1 - MSA required power supply filter
2
Regulatory Compliance The product meets all of the regulatory compliance listed in Table 1. Table 1 - Regulatory Compliance
Feature
Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Duplex LC Receptacle
Test Method
MIL-STD-883C Method 3015 Bellcore GR1089-CORE
Performance
Class 2 (2000 Volts) 25 kV Air Discharge
10 Zaps at 8 kV (contact discharge) on the electrical faceplate on panel. Electromagnetic Interference (EMI) FCC Class B Applications with high SFP port counts are expected to be compliant; however, margins are dependent on customer board and chassis design. Immunity Variation of IEC 61000-4-3 No measurable effect from a 10 V/m field swept from 80 to 1000 MHz applied to the transceiver without a chassis enclosure. Eye Safety US FDA CDRH AEL Class 1 CDRH certification # 9521220-52 EN (IEC) 60825-1, 2, TUV file # 933/510206/02 EN60950 Class 1 UL file # E173874 Component Recognition Underwriter's Laboratories and Canadian UL file # E173874 Standards Association Joint Component Recognition for Information Technology Equipment Including Electrical Business Equipment
3
Figure 2a. Drawing of SFP Transceiver
4
Figure 2b. SFP host board mechanical layout
5
Figure 2c.
6
Pin-out Table The pin arrangement and definition of this product meets SFP MSA. Table 2 lists the pin description. Table 2 - Pin description
Pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Name
VeeT TX Fault TX Disable MOD-DEF2 MOD-DEF1 MOD-DEF0 Rate Select LOS VeeR VeeR VeeR RDRD+ VeeR VccR VccT VeeT TD+ TDVeeT
Function/Description
Transmitter Ground Transmitter Fault Indication Transmitter Disable - Module disables on high or open Module Definition 2 - Two wire serial ID interface Module Definition 1 - Two wire serial ID interface Module Definition 0 - Grounded in module Not Connected Loss of Signal Receiver Ground Receiver Ground Receiver Ground Inverse Received Data Out Received Data Out Receiver Ground Receiver Power - 3.3 V 5% Transmitter Power - 3.3 V 5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
MSA Notes
Note 1 Note 2 Note 3 Note 3 Note 3
Note 4
Note 5 Note 5
Note 6 Note 6
Note 7 Note 7
Notes: 1) TX Fault is an open collector/drain output, which should be pulled up with a 4.7K - 10K resistor on the host board. Pull up voltage between 2.0V and VccT, R+0.3V. When high, output indicates a laser fault of some kind. Low indicates normal operation. In the low state, the output will be pulled to < 0.8V. 2. TX Disable input is used to shut down the laser output per the state table below with an external 4.7 - 10 KW pull-up resistor. Low (0 - 0.8 V): Transmitter on Between (0.8 V and 2.0 V): Undefined High (2.0 - 3.465 V): Transmitter Disabled Open: Transmitter Disabled 3. MOD-DEF 0,1,2. These are the module definition pins. They should be pulled up with a 4.7 - 10 KW resistor on the host board to a supply less than VccT +0.3 V or VccR+0.3 V. MOD-DEF 0 is grounded by the module to indicate that the module is present MOD-DEF 1 is clock line of two wire serial interface for optional serial ID MOD-DEF 2 is data line of two wire serial interface for optional serial ID 4. LOS (Loss of Signal) is an open collector/drain output which should be pulled up externally with a 4.7K - 10 KW resistor on the host board to a supply < VccT,R+0.3 V. When high, this output indicates the received optical power is below the worst case receiver sensitivity (as defined by the standard in use). Low indicates normal operation. In the low state, the output will be pulled to < 0.8 V. 5. RD-/+: These are the differential receiver outputs. They are ac coupled 100W differential lines which should be terminated with 100W differential at the user SERDES. The ac coupling is done inside the module and is thus not required on the host board. The voltage swing on these lines will be between 370 and 1600 mV differential (185 - 800 mV single ended) when properly terminated. 6. VccR and VccT are the receiver and transmitter power supplies. They are defined as 3.135 - 3.465 V at the SFP connector pin. The maximum supply current is 300 mA and the associated inrush current will be no more than 30 mA above steady state after 500 nanoseconds. 7. TD-/+: These are the differential transmitter inputs. They are ac coupled differential lines with 100W differential termination inside the module. The ac coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of 500 - 2400 mV (250 1000 mV single ended), though it is recommended that values between 500 and 1200 mV differential (250 - 600 mV single ended) be used for best EMI performance.
7
Table 3 - Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which functional performance is not intended, device reliability is not implied, and damage to the device may occur.
Parameter
Storage Temperature (non-operating) Relative Humidity Supply Voltage Input Voltage on any Pin
Symbol
TS RH VCC VI
Minimum
-40 5 -0.5 -0.5
Maximum
+85 85 3.63 VCC
Unit
C % V V
Notes
Table 4 - Recommended Operating Conditions
Typical operating conditions are those values for which functional performance and device reliability is implied.
Parameter
Case Operating Temperature Supply Voltage
Symbol
TA VCC
Minimum
-10 3.14
Typical
+25 3.3
Maximum
+85 3.47
Unit
C V
Notes
Table 5 - Transceiver Electrical Characteristics
Parameter
Module supply current Power Dissipation AC Electrical Characteristics Power Supply Noise Rejection (peak - peak) Inrush Current DC Electrical Characteristics Sense Outputs: Transmit Fault (TX_FAULT) Loss of Signal (LOS) MOD-DEF2 Control Inputs: Transmitter Disable (TX_DISABLE) MOD-DEF1, 2 Data Input: Transmitter Differential Input Voltage (TD+/-) Data Ouput: Receiver Differential Output Voltage (RD+/-) Receiver Data Rise and Fall Times 4 VOH VOL VIH VIL VI VO Trf 2.0 VccT, R+0.3 0.8 Vcc 0.8 2000 1600 400 V V 4, 5 2.0 V V mV mV ps 6 7 PSNR 100 30 mV mA 2 3
Symbol
ICC PDISS
Minimum
Typical
200 660
Maximum
240 762.3
Unit
mA mW
Notes
1 1
500 370
Notes: 1. Over temperature and Beginning of Life. For end of life, see the Agilent document entitled "Strained Multi Quantum Well (SMQW) Laser Diode (1300nm 9 well), Publication Number: 5988-5952EN. 2. MSA filter is required on host board 10 Hz to 1 MHz. See Figure 1 (Page 2) 3. Satisfied after 500 nanoseconds. Within 500 nanoseconds, maximum of current of 2000 mA and energy of 700 nanojoules 4. LVTTL, External 4.7 - 10 KW Pull-Up Resistor required for TX_FAULT and MOD-DEF 1 and 2. 5. LVTTL, Internal 4.7 - 10 KW Pull-Up Resistor included for TX_Disable 6. Internally ac coupled and terminated (100 Ohm differential) 7. Internally ac coupled and load termination located at the user SERDES
8
Table 6 - Transmitter Optical Characteristics
Parameter
Output Optical Power (Average)
Symbol
Pout Pout
Minimum
-9.5 -9.5
Typical
Maximum
-3 -3
Unit
dBm dBm
Notes
SMF Note 10. 62.5/125 m NA = 0.2 Note 10. 62.5/125 m NA = 0.275 IEEE 802.3Z
Pout Optical Extinction Ratio Center Wavelength Spectral Width - RMS Optical Rise/Fall Time RIN12 (OMA), maximum EXR lC s Trise/fall RIN
-9.5 9 1270
-3
dBm dB
1355
nm nm Fig 3 20% - 80% IEEE 802.3Z IEEE 802.3Z IEEE 802.3Z IEEE 802.3Z IEEE 802.3Z IEEE 802.3Z
260 -120 80
ps dB/Hz ps UI ps %
Contributed Total Jitter
TJ
0.28 227
Eye mask margin
10
Table 7 - Receiver Optical Characteristics
Parameter
Optical Power Receiver Sensitivity Stressed Receiver Sensitivity Receiver Electrical 3 dB Upper Cutoff Frequency Operating Center Wavelength Contributed Total Jitter Return Loss (minimum) Loss of Signal - Deasserted (Average) Loss of Signal - Asserted (Average) Loss of Signal - Hysteresis
Symbol
PIN PREC
Minimum
Typical
Maximum
-3 -20 -14.4 1500
Unit
dBm dBm dBm MHz nm UI dB dB
Notes
IEEE 802.3Z At BER of 10-12 IEEE 802.3Z Notes 8 and 9. IEEE 802.3Z
lC TJ
1270
1355 0.332
12 PD PA PD - PA 0.5 -30 -20
IEEE 802.3Z
dB dB
Notes: 8. Special pattern - simulates dispersion of fiber. 9. Compliant signal applied. 10. Optical power range based on discussions in Ethernet Committee to ensure required link budget for 10km link. When used with an offset launch patch cord.
9
Table 8 - Transceiver Timing Characteristics
Parameter
Tx Disable Assert Time Tx Disable Negate Time Time to initialize, including reset of Tx-Fault Tx Fault Assert Time Tx Disable to Reset LOS Assert Time LOS Deassert Time Serial ID Clock Rate
Symbol
t_off t_on t_init t_fault t_reset t_loss_on t_loss_off f_serial_ clock
Minimum
Typical
Maximum
10 1 300 100
Unit
s mS mS s s
Notes
11 IEEE 802.3 12 IEEE 802.3 13 14 15 16 17
10 100 100 100
s s KHz
Notes: 11. Time from rising edge of Tx Disable to when the optical output falls below 10% of nominal. 12. Time from falling edge of Tx Disable to when the modulated optical output rises above 90% of nominal. 13. From power on or negation of Tx Fault using Tx Disable. 14. Time from fault to Tx fault on. 15. Time Tx Disable must be held high to reset Tx_fault. 16. Time from LOS state to Rx LOS assert. 17. Time from non-LOS state to RX LOS deassert.
5 4.5 4 RMS spectral width (nm) 3.5 3 2.5 2 1.5 1 0.5 0 1270 Minimum Launched Power -9.5 dBm
1280
1290
1300
1310
1320
1330
1340
1350
1360
Wavelength (nm)
Figure 3. Tradeoff curves from FC-PI Rev 13
10
Table 9 - EEPROM Serial ID Memory Contents
Addr
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
Hex
03 04 07 00 00 00 02 00 00 00 00 01 0C 00 0A 64 37 37 00 00 41 47 49 4C 45 4E 54 20 20 20 20 20 20 20 20 20 00 00 30 D3
ASCII
Addr
40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59
Hex
48 46 43 54 2D 35 37 31 30 4C 20 20 20 20 20 20 20 20 20 20 00 00 00 Checksum 00 1A 00 00
ASCII
H F C T 5 7 1 0 L
Addr
68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95
Hex
Serial # Serial # Serial # Serial # Serial # Serial # Serial # Serial # Serial # 20 20 20 20 20 20 20 Datecode Datecode Datecode Datecode Datecode Datecode Datecode Datecode 00 00 00 Checksum
ASCII
Addr
96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127
Hex
Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 Note 1
ASCII
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
A G I L E N T
60 61 62 63 64 65 66 67
Note 1. These fields are reserved for the future use of Agilent Technologies.
11
www.agilent.com/ semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6271 2451 India, Australia, New Zealand: (+65) 6271 2394 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6271 2194 Malaysia, Singapore: (+65) 6271 2054 Taiwan: (+65) 6271 2654 Data subject to change. Copyright (c) 2002 Agilent Technologies, Inc. November 1, 2002 5988-8141EN


▲Up To Search▲   

 
Price & Availability of HFCT-5710LP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X